PART |
Description |
Maker |
GBPC2501 GBPC25005 GBPC2510 GBPC2508 GBPC2502 GBPC |
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER HIGH CURRENT SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 25 Amperes) SINGLE PHASE SILICON PASSIVATED BRIDGE RECTIFIER Isolated Flyback Switching Regulator with 9V Output 隔离反激式开关稳V输出 GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
|
Shanghai Sunrise Electronics Pan Jit International Inc. CHENYI[Shanghai Lunsure Electronic Tech] Shanghai LUNSURE Electronic Technology Co., Ltd. General Semiconductor
|
VHF125 VHF125-12IO7 VHF125-14IO7 VHF125-16IO7 VHF8 |
Half Controlled Single Phase Rectifier Bridge, B2HKF 58 A, 1200 V, SCR Half Controlled Single Phase Rectifier Bridge with Freewheeling Diode(VRRM200-1600V的半桥控制单相位整流带自由滑动的二极管)) Half Controlled Single Phase Rectifier Bridge/ B2HKF Power Modules/Rectifier Bridge Modules: Single Phase Half-control Bridges / Single Phase, Full-control Rectifier Bridges
|
IXYS, Corp. IXYS[IXYS Corporation]
|
VHF15-16IO5 VHF15-08IO5 VHF15-12IO5 VHF15-14IO5 VH |
Power Modules/Rectifier Bridge Modules: Single Phase Half-control Bridges / Single Phase, Full-control Rectifier Bridges From old datasheet system Half Controlled Single Phase Rectifier Bridge(VRRM00-1600V的半桥控制单相位整流 Insulation Displacement (IDC) Connector; No. of Contacts:60; Contact Termination:IDC; Gender:Female; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Pitch Spacing:0.05" RoHS Compliant: Yes 15 A, 800 V, SCR Half Controlled Single Phase Rectifier Bridge 15 A, 1200 V, SCR
|
IXYS[IXYS Corporation] IXYS, Corp.
|
VBE20 VBE20-20NO1 |
Power Modules/Rectifier Bridge Modules: Single Phase Diode Bridges Single Phase Rectifier Bridge with Fast Recovery Epitaxial Diodes (FRED)
|
IXYS[IXYS Corporation]
|
EH8008ZI EH8006ZI EH8004ZI EH8012ZI EH10002ZI EH10 |
3 PHASE BRIDGE MODULES 3 PHASE, 80 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE 3 PHASE BRIDGE MODULES 3 PHASE, 80 A, 1200 V, SILICON, BRIDGE RECTIFIER DIODE 3 PHASE BRIDGE MODULES 3 PHASE, 100 A, 1000 V, SILICON, BRIDGE RECTIFIER DIODE TV 13C 13#22D SKT WALL RECP
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
FBO16-12N |
Power Modules/Rectifier Bridge Modules: Single Phase Diode Bridges Single Phase Rectifier Bridge in ISOPLUS i4-PAC
|
IXYS[IXYS Corporation]
|
VUC25 VUC25-12GO2 VUC25-14GO2 VUC25-16GO2 |
Power Modules/Rectifier Bridge Modules: Single Phase Diode Bridges with Fast Recovery Diodes Three Phase Rectifier Bridge
|
IXYS[IXYS Corporation]
|
1W005 1W10 1W06 1W08 1W01 1W02 1W04 1W010 |
Single phase 1.0 A silicon bridge rectifier. Max recurrent peak reverse voltage 1000 V. SINGLE PHASE 1.0 AMP SILICON BRIDGE RECTIFIERS SINGLEPHASE1.0AMPSILICONBRIDGERECTIFIERS 16-PIN,DIP,0.3''''WIDE,STAMPED,TIN
|
JGD[Jinan Gude Electronic Device] JinanGudeElectronicDevice 济南固锝电子器件有限公司
|
VUC36-16GO2 VUC36-12GO2 VUC36-14GO2 VUC36 |
Power Modules/Rectifier Bridge Modules: Single Phase Diode Bridges with Fast Recovery Diodes Three Phase Rectifier Bridge with Fast Diodes and Softstart Thyristor Three Phase Rectifier Bridge with Fast Diode and Thyristor(VRRM200-1600V的三相位桥整流器(带快速恢复二极管和可控硅
|
IXYS[IXYS Corporation]
|